PART |
Description |
Maker |
ATF1508Z ATF1508ASZ-25QC100 ATF1508ASZ-25QC160 ATF |
High Performance E2 PLD High Performance E2 PLD EE PLD, 25 ns, PQCC84 High Performance E2 PLD EE PLD, 20 ns, PQCC84 High Performance E2 PLD EE PLD, 15 ns, PQFP160 High Performance E2 PLD EE PLD, 15 ns, PQFP100 CAC 7C 7#16S PIN RECP BOX ER 2C 2#8 PIN RECP BOX CAC 6C 6#16S PIN RECP BOX CAC 14C 14#16 PIN RECP BOX AB 14C 14#20 SKT RECP High Performance E2PLD
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
PIC18F1230-I/MLSQTP PIC18F1330-I/ML PIC18F1330-I/M |
18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D 18/20/28-Pin,增强型闪存微控制器与纳瓦技术,高性能PWM和A / D转换
|
Microchip Technology Inc. Microchip Technology, Inc.
|
ATF1500A ATF1500A-10AI ATF1500A-10JC ATF1500A-10JI |
High Performance E2 PLD FLASH PLD, 20 ns, PQCC44 High Performance E2 PLD FLASH PLD, 12 ns, PQCC44 High Performance E2 PLD FLASH PLD, 10 ns, PQCC44 Connector Cover; Enclosure Material:Thermoplastic; For Use With:Amphenol Tuchel Ecomate Male Receptacles RoHS Compliant: Yes Crimp Pin Contact; Series:44; Operating Temperature Range /-:-40 C to 125 C; Voltage Rating:205V RoHS Compliant: Yes
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
1A354 |
High-Performance PIN
|
MITEL[Mitel Networks Corporation]
|
PIC18F83J11-I/PT PIC18F85J11-I/PT PIC18F65J11-I/PT |
64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
|
Microchip Technology
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
PIC18F6X2X-IPTQTP PIC18F8X2X-IPTQTP PIC18F6X2X-IPT |
64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
|
Microchip Technology http://
|
PIC18F45J10T-L_SO |
28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
|
Microchip Technology
|
PIC18LF458T-I_SPSQTP PIC18F248-E_L PIC18F248-E_LQT |
28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
|
MICROCHIP[Microchip Technology]
|
PIC18LF248-I_PQTP PIC18LF448-E_SP PIC18F258T-I_PTQ |
28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
|
Microchip Technology
|
PIC18F45J10T-E/ML PIC18F25J10T-E/ML PIC18F25J10T-L |
28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
|
Microchip Technology
|